Part Number Hot Search : 
AD7817AR 2SJ604 B2300 PCL6045 MAX6855 DS1831D T1637 MRF5943
Product Description
Full Text Search
 

To Download 1N4007L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001/L - 1N4007/L
1.0A RECTIFIER Features
* * * * * Diffused Junction High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 30A Peak Low Reverse Leakage Current Plastic Material: UL Flammability Classification Rating 94V-0
A
B
A
D
DO-41 Plastic Dim A B C D Min 25.40 4.06 0.71 2.00 Max 3/4 5.21 0.864 2.72 A-405 Min 25.40 4.10 0.53 2.00 Max 3/4 5.20 0.64 2.70
C
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Weight: DO-41 0.30 grams (approx) A-405 0.20 grams (approx) Mounting Position: Any Marking: Type Number
All Dimensions in mm "L" Suffix Designates A-405 Package No Suffix Designates DO-41 Package
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 75C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Maximum DC Blocking Voltage Temperature Operating and Storage Temperature Range (Note 3) @ IF = 1.0A @ TA = 25C @ TA = 100C
@ TA = 25C unless otherwise specified
1N 1N 1N 1N 1N 1N 1N Symbol 4001/L 4002/L 4003/L 4004/L 4005/L 4006/L 4007/L VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJA TA Tj, TSTG 15 100 +150 -65 to +175 50 35 100 70 200 140 400 280 1.0 30 1.0 5.0 50 8 600 420 800 560 1000 700
Unit V V A A V mA pF K/W C C
Notes:
1. Leads maintained at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1. MHz and applied reverse voltage of 4.0V DC. 3. JEDEC Value.
DS28002 Rev. E-2
1 of 2
1N4001/L-1N4007/L
I(AV), AVERAGE FORWARD RECTIFIED CURRENT (A)
0.8
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.0
10
1.0
0.6
0.4
0.1
Tj = 25C PULSE WIDTH = 300s 2% DUTY CYCLE
0.2
0
40
60
80
100
120
140
160
180
0.01 0.6
0.8
1.0
1.2
1.4
1.6
TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
50
100
Tj = 25C f = 1MHz
IFSM, PEAK FORWARD SURGE CURRENT (A)
40
30
Cj, CAPACITANCE (pF)
1N4001 - 1N4004
10
20
1N4005 - 1N4007
10
8.3ms Single half sine-wave JEDEC Method
0 1.0
10
100
1.0
1.0
10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
100
NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
DS28002 Rev. E-2
2 of 2
1N4001/L-1N4007/L


▲Up To Search▲   

 
Price & Availability of 1N4007L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X